Part Number Hot Search : 
UF200G M41T00 AN7420 360H1 DL4446 MKP5100A M41T00 ZL50020
Product Description
Full Text Search
 

To Download JQX-14FCAZ5ADC120835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  prsente / presents:
29 12.8 26 jqx-14fc & jqx-14fc (4124) 12 jqx-14fc 3 1a spstno 2a dpstno 1c spdt(b-m) 2c dpdt(b-m) agcdo agsno 2 1a:16a/250vac,30vdc; 1c:10a,16a,20a/250vac,30vdc; 10a/250vac,14vdc(20a application for 5mm pole-distance) 2a,2c:5a,8a/220vac, 30vdc;jqx-14fc ;2a:8a/220vac;2c:6a/220vac 3 motor load:1hp 250vac ; 1/2hp 125vac lamp load:tv-5 600w 5000va 110vdc 380vac max. switching current:20a 50m item 3.12 of iec255-7 5 10 item 3.30 of iec255-7 76 10 5 10 (jqx-14fc ) item 3.31 of iec255-7 3 2 1.5mm=3mm (jqx-14fc ) 3 c c 12 0.53 15 10 03001003501 e9930952e01 e160644 r2033977 cc 12 cc 12 cc 12 003-530 3 3.9 17 2.25 0.3 005-530 5 6.5 47 3.75 0.5 006-530 6 7.8 68 4.50 0.6 009-530 9 11.7 153 6.75 0.9 012-530 12 15.6 275 9.00 1.2 024-530 24 31.2 1100 18.0 2.4 jqx-14fc & jqx-14fc (4124)jqx-14fc 12 3 r cus release time ms coil voltage vdc coil resistance 10% pick up voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) ( 10%of rated voltage ) coil power consumption w operate time ms rated max dash numbers features heavy load, suitable for heavy power reverse. small size, suitable for high-density mounting. up to 5000vac dielectric strength. between open contacts of jqx-14fc 3000vac dielectric strength. 3 contact gap of jqx-14fc :2 1.5mm=3mm. 3 suitable for remote control tv set, copy machine, sales machine and air conditioner etc. ordering information jqx-14fc c s 10 dc12v 0.8 3.5 1 1 2 3 4 5 6 7 1 part number jqx-14fc jqx-14fc jqx-14fc 123 2 contact arrangement a:1a 2a:2a c:1c 2c:2c 3 enclosure s: sealed type z: dust cover 4 contact current 3a,5a,6a,8a,10a,16a,20a 5 coil rated voltage(v) dc:3,5,6,9,12,15,24 ac:6,12,24,48,110,120,220 6 coil power cunsumption nil:0.53w 0.8:0.8w 1:1va 1.2:1.2w 7 pole-distance 3.5:3.5mm 5:5.0mm contact data contact arrangement contact material operation life contact rating (resistive) contact gap max. switching power max. switching voltage contact resistance or voltage drop electrical mechanical caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. coil parameter dc ningbo huaguan relay corporation ltd.
006-670 6 7.8 54 4.50 0.6 009-810 9 11.7 100 6.75 0.9 012-800 12 15.6 180 9.00 1.2 015-830 15 19.5 270 11.3 1.5 024-780 24 31.2 740 18.0 2.4 006-900 6 7.8 40 4.50 0.6 009-1160 9 11.7 70 6.75 0.9 012-1200 12 15.6 120 9.00 1.2 015-1250 15 19.5 180 11.3 1.5 024-1230 24 31.2 470 18.0 2.4 0.67w~0.83w 10 5 10 5 2a 1000m min (at 500vdc) item 7 of iec255-5 jqx-14fc 3 50hz 1000v 3000v item 6 of iec255-5 50hz 5000v 4000v surge voltage 12kv item 6 of iec255-5 8mm (only for jqx-14fc ) addenda b of iec255-5 3 2 100m/s 11ms iec68-2-27 test ea 10~50hz amplitude 1.5mm iec68-2-6 test fc 10n iec68-2-21test ua1 235 2 3 0.5s iec68-2-20 test ta method 1 -40~70 -25~75 (jqx-14fc ) 3 85% (at 40 ) iec68-2-3 test ca 17g~20g safety approvals ul&cur t v cqc 1c 16a/250vac 2c 5a/220vac 1hp 250vac 1/2hp 125vac tv-5 2c 0.9w~1.25w 10a/250vac 1c 10a/250vac 14vdc 2c 5a/250vac 30vdc load c 3 release time ms coil voltage vdc coil resistance 10% pick up voltage vdc(max) (75%of rated voltage ) release voltage vdc(min) ( 10%of rated voltage ) coil power consumption w operate time ms rated max. dash numbers coil parameter dc c 3 c 3 c 3 caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. caution: 1.the use of any coil voltage less than the rated coil voltage will compromise the operation of the relay. 2.pickup and release voltage are for test purposes only and are not to be used as design criteria. coil parameter ac qualification inspection: perform the qualification test as specified in the table of iec255-19-1 and minimum sample size 24. safety approvals operation condition insulation resistance dielectric strength between contacts between contact and coil creepage distance shock resistance vibartion resistance terminals strength relative humidity relative humidity mass ambient temperature 006ac 6 7.8 16 4.5 0.6 012ac 12 15.6 63 9 1.2 024ac 24 31.2 240 18 2.4 048ac 48 62.4 1085 36 4.8 110ac 110 143 5600 82.5 11 1va 120ac 220ac 120 220 156 286 6680 21000 90 165 12 22 _ _ release time ms coil voltage vac coil resistance 10% pick up voltage vac(max) (75%of rated voltage ) release voltage vac(min) ( 10%of rated voltage ) coil power consumption operate time ms rated max. dash numbers nhg relays
12.8max. 2-0.4 1 2-0.16 1 29max. 2-0.5 1 2 1c 7.5 1a 20 7.5 l l 2c 2a 1c 1a pole-distance l: 3.5mm or 5mm 0.138 inch or 0.197 inch) 7.5 7.5 7.5 l l l l l l 7.5 l l (10a) (16a) jqx-14fc jqx-14fc jqx-14fc 1 23 jqx-14fc :5mm(0.197 inch 3 20 15 10 5 jqx-14fc & jqx-14fc (4124)jqx-14fc 12 3 40.3 4- 1.3 26max. 5- 1.3 6- 1.3 8- 1.3 6- 1.3 8- 1.3 20 20 20 20 1.142max. 0.504max. 1.024max. 0.079 0.020 0.039 0.006 0.039 0.016 0.039 0.012 0.051 0.051 0.051 0.051 0.051 0.051 0.787 0.787 0.787 0.787 0.787 0.295 0.295 0.295 0.295 0.295 0.295 2-1 0.4 0.039 0.016 operation 1pole type 2 pole type dimensions notes 1).dimensions are in millimeters. 2).inch equivalents are given for general information only. wiring diagram (bottom view) mounting (bottom view) dimensions mm /inch reference data time(m sec ) coil power w operate time coil temp. rise temperature rise(deg) contact current a life expectancy contact voltage v contact current a ac resistive dc resistive operate time release time coil power w ningbo huaguan relay corporation ltd.


▲Up To Search▲   

 
Price & Availability of JQX-14FCAZ5ADC120835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X